Part Number Hot Search : 
M62370GP MD10C 78M24C 4ACT2 F550L AN26130A AP450 OC18T5S
Product Description
Full Text Search
 

To Download APT5510JFLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT5510JFLL
550V 44A 0.100
POWER MOS 7
(R)
R
FREDFET
G
S D
S
Power MOS 7 is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching (R) losses are addressed with Power MOS 7 by significantly lowering RDS(ON) (R) and Qg. Power MOS 7 combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. * Lower Input Capacitance * Lower Miller Capacitance * Lower Gate Charge, Qg
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
SO
ISOTOP (R)
2 T-
27
"UL Recognized"
* Increased Power Dissipation * Easier To Drive * Popular SOT-227 Package * FAST RECOVERY BODY DIODE
D G S
All Ratings: TC = 25C unless otherwise specified.
APT5510JFLL UNIT Volts Amps
550 44 176 30 40 463 3.70 -55 to 150 300 44 35
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
2500
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
550 44 0.100 250 1000 100 3 5
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 22A)
Ohms A nA Volts
3-2003 050-7191 Rev A
Zero Gate Voltage Drain Current (VDS = 550V, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 440V, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 2.5mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss C rss Qg Qgs Qgd td(on) tr td(off) tf Eon Eoff Eon Eoff Symbol IS ISM VSD
dv/ dt
APT5510JFLL
Test Conditions
VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 275V ID = 49A @ 25C RESISTIVE SWITCHING VGS = 15V VDD = 275V ID = 49A @ 25C RG = 0.6 6 INDUCTIVE SWITCHING @ 25C VDD = 367V, VGS = 15V ID = 49A, RG = 5 6 INDUCTIVE SWITCHING @ 125C VDD = 367V VGS = 15V ID = 49A, RG = 5
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
MIN
TYP
MAX
UNIT pF
5823 1124 81 124 34 64 16 12 33 5 697 577 1025 664
MIN TYP MAX
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage Peak Diode Recovery
1 2 dt
nC
ns
J
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
UNIT Amps Volts V/ns ns
44 176 1.3 15
Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C MIN
(Body Diode) (VGS = 0V, IS = -44A)
5
dv/
t rr
Reverse Recovery Time (IS = -44A, di/dt = 100A/s) Reverse Recovery Charge (IS = -44A, di/dt = 100A/s) Peak Recovery Current (IS = -44A, di/dt = 100A/s) Characteristic Junction to Case Junction to Ambient
280 600 1.9 5.7 15 23
TYP MAX
Q rr IRRM
C
Amps
THERMAL CHARACTERISTICS
Symbol RJC RJA UNIT C/W
0.27 40
1 Repetitive Rating: Pulse width limited by maximum junction temperature 2 Pulse Test: Pulse width < 380 s, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471
0.30
, THERMAL IMPEDANCE (C/W)
4 Starting Tj = +25C, L = 2.58mH, RG = 25, Peak IL = 44A 5 dv/dt numbers reflect the limitations of the test circuit rather than the device itself. IS -ID44A di/dt 700A/s VR VDSS TJ 150C 6 Eon includes diode reverse recovery. See figures 18, 20.
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.25
0.9
0.20
0.7
0.15
0.5
Note:
PDM t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
3-2003
0.10
0.3
050-7191 Rev A
JC
0.05
Z
0
10-5
SINGLE PULSE 10-4 10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.1 0.05
10
Typical Performance Curves
140
RC MODEL
APT5510JFLL
VGS =15 & 10V
ID, DRAIN CURRENT (AMPERES)
Junction temp. ( "C) 0.0409 0.0246F
120 100
7.5V
7V 80 60 40 20 0 6.5V
Power (Watts)
0.225
0.406F
6V 5.5V 5V
0.00361 Case temperature
148F
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL 140 120 100 80 60 40 20 0
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
0 5 10 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, LOW VOLTAGE OUTPUT CHARACTERISTICS
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
1.40
V
GS
NORMALIZED TO = 10V @ 24.5A
ID, DRAIN CURRENT (AMPERES)
1.30 1.20
1.10
VGS=10V
TJ = +125C TJ = +25C
TJ = -55C
1.00
VGS=20V
0.90 0.80
0 2 4 6 8 10 12 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TRANSFER CHARACTERISTICS
0
20 40 60 80 100 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
45 40
ID, DRAIN CURRENT (AMPERES) BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED)
I
D
1.15
1.10
35 30 25 20 15 10 05 0 25
1.05
1.00
0.95 0.90 0.85 -50
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED)
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2
2.5
= 24.5A = 10V
V
GS
VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
2.0
1.1
1.0
1.5
0.9 0.8
1.0
0.5
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.6 -50
050-7191 Rev A
0.7
3-2003
APT5510JFLL
182
ID, DRAIN CURRENT (AMPERES)
20,000
OPERATION HERE LIMITED BY RDS (ON)
100
10,000 100S
C, CAPACITANCE (pF)
Ciss
1,000
Coss
10
1mS 10mS TC =+25C TJ =+150C SINGLE PULSE
100
Crss
1
1 10 100 550 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = 49A
0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
IDR, REVERSE DRAIN CURRENT (AMPERES)
10
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
16
D
200 100 TJ =+150C TJ =+25C
12
VDS=110V VDS=275V
8
VDS=440V
10
4
40 80 120 160 200 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGE vs GATE-TO-SOURCE VOLTAGE 100 td(off) 80
td(on) and td(off) (ns)
V = 367V
0
0
1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE 100
V
DD G
= 367V
R
= 5
80
T = 125C
J
L = 100H
DD G
tf
60
R
= 5
T = 125C
J
L = 100H
tr and tf (ns)
60
40
40
20 td(on) 0 0 40 60 80 ID (A) FIGURE 14, DELAY TIMES vs CURRENT
V
DD G
20
tr
0 20 40 60 80 ID (A) FIGURE 15, RISE AND FALL TIMES vs CURRENT 3000
= 367V R = 5
0
20
2000
T = 125C
J
1500
L = 100H E ON includes diode reverse recovery.
SWITCHING ENERGY (J)
SWITCHING ENERGY (J)
Eon
2500
Eoff
2000 1500 1000
V I
DD
1000
Eon
= 367V
3-2003
500 Eoff 0 40 50 60 70 80 ID (A) FIGURE 16, SWITCHING ENERGY vs CURRENT 0 10 20 30
D J
= 49A
T = 125C
500 0
050-7191 Rev A
L = 100H E ON includes diode reverse recovery.
10 15 20 25 30 35 40 45 50 RG, GATE RESISTANCE (Ohms) FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
0
5
Typical Performance Curves
APT5510JFLL
Gate Voltage
10 % TJ = 125 C td(on)
90%
Gate Voltage T = 125 C J
td(off)
Drain Voltage
Drain Current
90% tr 5%
Switching Energy
90% tf
10 %
Drain Voltage
10% 0
Switching Energy
Drain Current
Figure 18, Turn-on Switching Waveforms and Definitions
Figure 19, Turn-off Switching Waveforms and Definitions
APT30DF60B
V DD
IC
V CE
G D.U.T.
Figure 20, Inductive Switching Test Circuit
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
Gate
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
050-7191 Rev A
3-2003
3.3 (.129) 3.6 (.143)
1.95 (.077) 2.14 (.084)


▲Up To Search▲   

 
Price & Availability of APT5510JFLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X